PART |
Description |
Maker |
STEVAL-TLL002V1 |
Flash Driver based on STCF01
|
ST Microelectronics 意法半导
|
SG2644 SG2644DW SG2644J SG2644M SG2644R SG2644T SG |
Half Bridge Driver, Non-Inverting DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDIP8 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, MBFM9 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDIP14 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDIP8 EXTRACTION TOOL 566 SERIES From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
PIC16LF1902 PIC16LF1903 |
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver
|
Microchip Technology
|
PIC16F946T-I_SSQTP PIC16F913 PIC16F913_07 PIC16F91 |
28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
PIC16F627-04/P PIC16F627-04/P301 PIC16F627-04/SO P |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... FLASH-Based 8-Bit CMOS Microcontroller
|
Microchip
|
AT89C5131A AT89C5130A-M AT89C5131A-L AT89C5131A-M |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Low Voltage Range Power Supply: 3.0V to ... USB C51-based Microcontroller with 16K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, Extended Range Power Supply: 2.7V to 5.5V, ... USB Microcontrollers
|
ATMEL[ATMEL Corporation]
|
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
SPC560P60L3 |
32-bit Power Architecture? based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
|
STMicroelectronics
|
HIP4080A04 HIP4080AIBZ HIP4080AIPZ HIP4080AIP HIP4 |
80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDIP20 80V/2.5A Peak, High Frequency Full Bridge FET Driver 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 80V/2.5A Peak, High Frequency Full Bridge FET Driver with Charge Pump and Input Comparators; Temperature Range: -40°C to 85°C; Package: 20-SOIC T&R 1.4 A FULL BRDG BASED MOSFET DRIVER, PDSO20 Driver, Full Bridge FET, Complementry N-Channel Outputs
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|